Part Number Hot Search : 
TCJB227M D7642 BU24026 SC101 78105 FCT16 MMBTA05 151MELA
Product Description
Full Text Search
 

To Download 3R230LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GAS DISCHARGE TUBES
www..com
HAKEL GAS DISCHARGE TUBES - SALIENT FEATURES * Stable breakdown voltage * High insulation resistance; enables the use in high temperature and humidity * Small capacitance; minimises transmission loss and noise even with high frequency range * High durability against surges and fast restorability * Long life * Free of radioactive substance * Inexpensive for superior performance * High mechanical strength prevents leak and breakdown from strong shock * Various types available 3R230LF
11.20.3
dia.8.0 0.1 17.0 MAX
dia. 1.00.05
7.00.5
4.40.1
Type
Sl. No.
3 TERMINAL CERAMIC TYPE GD TUBE - 3R230LF
Description Test Condition ELECTRICAL CHARACTERISTICS, Test Methods as per ITU-T (CCITT) K.12 D.C Spark-Over Voltage 100V/Sec Impulse Spark-Over Voltage 100V/sec Impulse Spark-Over Voltage 1000V/sec Impulse Transverse Delay 1000 V/ sec Insulation Resistance 100V Glow Voltage 10 mA Arc Voltage 2A Capacitance 1 M Hz DC Holdover Voltage 135 V Impulse Discharge Current 10000 A, 8/20sec 200 A, 10/700sec 200 A, 10/1000sec Alternating Discharge Current 10 A r.m.s, 1 sec Fail-safe Operating Time 10 A r.m.s 1. All dimensions are in mm 2. Electrodes are nickel plated where as all lead terminals are Tin plated. 3. Marking on the GD Tube 3R230LF Specification 230 20% <500V <650V < 75ns >1010Ohm < 70 V < 10 V < 1.5 pF < 150 ms 10 Operations 500 Operations 300 Operations 10 Operations < 5 Sec
1 2 3 4 5 6 7 8 9 10
11 12 NOTES:
3 : 3 Terminal GD Tube R : Dimension 230 : 230 Volts L : With leads F : With Fail-safe Mechanism HAKEL : Manufacturer MM : Month of manufacture YY : Year of manufacture 4. This model can be supplied without Leads, namely 3R230F 5. Blister Packing
HAKEL spol. s r.o., Bri Stefan 980, 500 03 Hradec Kralove, tel: +420 49 5401321, fax: +420 49 5541816, info@hakel.cz
23.6.2003


▲Up To Search▲   

 
Price & Availability of 3R230LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X